Part Number Hot Search : 
C8028 MLL5258 74HC423 FR9024 62000 150200 0512S GILFT
Product Description
Full Text Search
 

To Download 24ST8515APLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10/100 PC CARD LAN MAGNETICS
Bothhandusa.com
Page : 1/1
P/N: 24ST8515AP LF DATA SHEET
Feature
Half port and single port designs for maximum layout flexibility. Compatible with Intel, TDK, QSI, and ICS. Low profile packages from .094"(2.39mm)to.078"(1.98mm) for PC Card and Card bus applications. Lead free for external pins. Operating Temperature range: 0J to +70J . Storage temperature range: -25J to +125J . Electrical Specifications @ 25C
Part Number TX 24ST8515AP LF 1CT:1 Turns Ratio (5%) RX 1CT:1CT OCL (uH Min) @ 100KHz/0.1Vrms with 8mA/DC Bias 350 CW/W (pF Max) 28 L.L (uH Max) 0.6 HI-POT (Vrms) 1500
Continue
Part Number Insertion Loss (dB Max) Return Loss (dB Min) Cross talk (dB Min) DCMR (dB Min) TX/RX 60MHz 100MHz -35/-30 -28/-25
0.3-100 MHz 30MHz 40MHz 50MHz 60MHz 80MHz 0.3-60MHz 60-100MHz 30MHz 24ST8515AP LF -1.15 -16 -14 -13.5 -13 -12 -45 -35 -42/-40
Schematic
Mechanical
N
N
N N
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


▲Up To Search▲   

 
Price & Availability of 24ST8515APLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X